データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ASM2I9940L データシート(PDF) 5 Page - PulseCore Semiconductor

部品番号 ASM2I9940L
部品情報  Low Voltage 1:18 Clock Distribution Chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PULSECORE [PulseCore Semiconductor]
ホームページ  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2I9940L データシート(HTML) 5 Page - PulseCore Semiconductor

  ASM2I9940L Datasheet HTML 1Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 2Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 3Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 4Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 5Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 6Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 7Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 8Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
April 2007
ASM2I9940L
rev 1.2
Low Voltage 1:18 Clock Distribution Chip
5 of 13
Notice: The information in this document is subject to change without notice.
Table 7. DC Characteristics (T
A = -40° to +85°C, VCCI = 3.3V ± 5%, VCCO = 2.5V ± 5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
VIH
Input HIGH Voltage
CMOS_CLK
2.0
VCCI
V
VIL
Input LOW Voltage
CMOS_CLK
0.8
V
VPP
Peak–to–Peak Input
Voltage
PECL_CLK
500
1000
mV
VCMR
Common Mode Range
PECL_CLK
VCC-1.4
VCC-0.6
V
VOH
Output HIGH Voltage
1.8
V
IOH = -20mA
VOL
Output LOW Voltage
0.5
V
IOH = 20mA
IIN
Input Current
±200
µA
CIN
Input Capacitance
4.0
pF
Cpd
Power Dissipation Capacitance
10
pF
per output
ZOUT
Output Impedance
23
ICC
Maximum Quiescent Supply Current
0.5
1.0
mA
Table 8. AC Characteristics (T
A =-40° to +85°C, VCCI = 3.3V ± 5%, VCCO = 2.5V ± 5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
Fmax
Maximum Input Frequency
250
MHz
tPLH
Propagation Delay
PECL_CLK < 150MHz
CMOS_CLK < 150MHz
2.0
1.7
2.8
2.5
3.5
3.0
nS
Note
1.
tPLH
Propagation Delay
PECL_CLK > 150MHz
CMOS_CLK > 150MHz
2.0
1.8
2.9
2.5
3.8
3.3
nS
tsk(o)
Output-to-output Skew
PECL_CLK
CMOS_CLK
150
150
pS
Note
1
tsk(pp)
Part–to–Part Skew
PECL_CLK < 150MHz
CMOS_CLK < 150MHz
1.5
1.3
nS
Notes
1,2
tsk(pp)
Part–to–Part Skew
PECL_CLK > 150MHz
CMOS_CLK > 150MHz
1.8
1.5
nS
Notes
1,2
tsk(pp)
Part–to–Part Skew
PECL_CLK CMOS_CLK
850
750
pS
Notes
1,3
DC
Output Duty Cycle
fCLK < 134 MHz
fCLK <250 MHz
45
40
50
50
55
60
%
%
Input DC = 50%
Input DC = 50%
tr, tf
Output Rise/Fall Time
0.3
1.2
nS
0.5 - 1.8 V
Note: 1.Tested using standard input levels, Production tested @ 150MHz.
2. Across temperature and voltage ranges, includes output skew.
3. For a specific temperature and voltage, includes output skew.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com