データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP4541-503E/MS データシート(PDF) 24 Page - Microchip Technology

部品番号 MCP4541-503E/MS
部品情報  7/8-Bit Single/Dual I2C Digital POT with Non-Volatile Memory
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4541-503E/MS データシート(HTML) 24 Page - Microchip Technology

Back Button MCP4541-503E/MS Datasheet HTML 20Page - Microchip Technology MCP4541-503E/MS Datasheet HTML 21Page - Microchip Technology MCP4541-503E/MS Datasheet HTML 22Page - Microchip Technology MCP4541-503E/MS Datasheet HTML 23Page - Microchip Technology MCP4541-503E/MS Datasheet HTML 24Page - Microchip Technology MCP4541-503E/MS Datasheet HTML 25Page - Microchip Technology MCP4541-503E/MS Datasheet HTML 26Page - Microchip Technology MCP4541-503E/MS Datasheet HTML 27Page - Microchip Technology MCP4541-503E/MS Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 92 page
background image
MCP454X/456X/464X/466X
DS22107A-page 24
© 2008 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V.
FIGURE 2-21:
10 k
Ω – Nominal Resistance
(
Ω) vs. Ambient Temperature and V
DD.
FIGURE 2-22:
10 k
Ω – R
WB (Ω) vs. Wiper
Setting and Ambient Temperature.
9850
9900
9950
10000
10050
10100
10150
10200
10250
10300
-40
0
40
80
120
Ambient Temperature (°C)
2.7V
5.5V
1.8V
0
2000
4000
6000
8000
10000
12000
0
32
64
96
128
160
192
224
256
Wiper Setting (decimal)
-40°C
25°C
85°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92