| データシートサーチシステム |
|
MCP4541-503E/MS データシート(PDF) 62 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4541-503E/MS データシート(HTML) 62 Page - Microchip Technology |
|
62 / 92 page ![]() MCP454X/456X/464X/466X DS22107A-page 62 © 2008 Microchip Technology Inc. FIGURE 7-6: I2C Continuos Reads. STOP bit Control Byte 1 010 SA2 A1 A0 1 A Fixed Address Variable Address Read bits 0 00 0 0 0 0 D8 A1 Read bit D3 D7 D6 D5 D4 D2 D1 D0 A1 Read Data bits 0 00 0 0 0 0 D8 A1 D3 D7 D6 D5 D4 D2 D1 D0 A1 P 0 00 0 0 0 0 D8 A1 D3 D7 D6 D5 D4 D2 D1 D0 A2 Read Data bits Read Data bits Note 1: Master Device is responsible for A / A signal. If a A signal occurs, the MCP45XX/46XX will abort this transfer and release the bus. 2: The Master Device will Not Acknowledge, and the MCP45XX/46XX will release the bus so the Master Device can generate a Stop or Repeated Start condition. |