データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP4541-503E/MS データシート(PDF) 75 Page - Microchip Technology

部品番号 MCP4541-503E/MS
部品情報  7/8-Bit Single/Dual I2C Digital POT with Non-Volatile Memory
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4541-503E/MS データシート(HTML) 75 Page - Microchip Technology

Back Button MCP4541-503E/MS Datasheet HTML 71Page - Microchip Technology MCP4541-503E/MS Datasheet HTML 72Page - Microchip Technology MCP4541-503E/MS Datasheet HTML 73Page - Microchip Technology MCP4541-503E/MS Datasheet HTML 74Page - Microchip Technology MCP4541-503E/MS Datasheet HTML 75Page - Microchip Technology MCP4541-503E/MS Datasheet HTML 76Page - Microchip Technology MCP4541-503E/MS Datasheet HTML 77Page - Microchip Technology MCP4541-503E/MS Datasheet HTML 78Page - Microchip Technology MCP4541-503E/MS Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 92 page
background image
© 2008 Microchip Technology Inc.
DS22107A-page 75
MCP454X/456X/464X/466X
11.0
PACKAGING INFORMATION
11.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
8-Lead DFN (3x3)
Example
:
Part Number
Code
Part Number
Code
MCP4541-502E/MF
DACJ
MCP4542-502E/MF
DACP
MCP4541-103E/MF
DACK
MCP4542-103E/MF
DACQ
MCP4541-104E/MF
DACM
MCP4542-104E/MF
DACS
MCP4541-503E/MF
DACL
MCP4542-503E/MF
DACR
MCP4561-502E/MF
DADB
MCP4562-502E/MF
DADF
MCP4561-103E/MF
DADC
MCP4562-103E/MF
DADG
MCP4561-104E/MF
DADE
MCP4562-104E/MF
DADJ
MCP4561-503E/MF
DADD
MCP4562-503E/MF
DADH
DACJ
E841
256
XXXX
XYWW
NNN
8-Lead MSOP
XXXXXX
YWWNNN
Example
454113
841256
Part Number
Code
Part Number
Code
MCP4541-103E/MS
454113
MCP4542-103E/MS
454213
MCP4541-104E/MS
454114
MCP4542-104E/MS
454214
MCP4541-502E/MS
454152
MCP4542-502E/MS
454252
MCP4541-503E/MS
454153
MCP4542-503E/MS
454253
MCP4561-103E/MS
456113
MCP4562-103E/MS
456213
MCP4561-104E/MS
456114
MCP4562-104E/MS
456214
MCP4561-502E/MS
456152
MCP4562-502E/MS
456252
MCP4561-503E/MS
456153
MCP4562-503E/MS
456253



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92