| データシートサーチシステム |
|
MCP4541-503E/MS データシート(PDF) 28 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4541-503E/MS データシート(HTML) 28 Page - Microchip Technology |
|
28 / 92 page ![]() MCP454X/456X/464X/466X DS22107A-page 28 © 2008 Microchip Technology Inc. Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V. FIGURE 2-34: 50 k Ω – Low-Voltage Decrement Wiper Settling Time (VDD = 5.5V) (1 µs/Div). FIGURE 2-35: 50 k Ω – Low-Voltage Decrement Wiper Settling Time (VDD = 2.7V) (1 µs/Div). FIGURE 2-36: 50 k Ω – Power-Up Wiper Response Time (1 µs/Div). FIGURE 2-37: 50 k Ω – Low-Voltage Increment Wiper Settling Time (VDD = 5.5V) (1 µs/Div). FIGURE 2-38: 50 k Ω – Low-Voltage Increment Wiper Settling Time (VDD = 2.7V) (1 µs/Div). |