| データシートサーチシステム |
|
MFRC522 データシート(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MFRC522 データシート(HTML) 4 Page - NXP Semiconductors |
|
4 / 96 page ![]() MFRC522_33 © NXP B.V. 2009. All rights reserved. Product data sheet PUBLIC Rev. 3 — 26 October 2009 112133 4 of 96 NXP Semiconductors MFRC522 Contactless reader IC Fig 2. Detailed block diagram of the MFRC522 001aak602 DVDD NRSTPD IRQ MFIN MFOUT SVDD OSCIN OSCOUT VMID AUX1 AUX2 RX TVSS TX1 TX2 TVDD 16 19 20 17 10, 14 11 13 12 DVSS AVDD PVSS PVDD SDA/NSS/RX EA I2C 5 2 24 32 1 D1/ADR_5 25 D2/ADR_4 26 D3/ADR_3 27 D4/ADR_2 28 D5/ADR_1/ SCK/DTRQ 29 D6/ADR_0/ MOSI/MX 30 D7/SCL/ MISO/TX 31 AVSS 3 6 23 7 8 9 21 22 4 15 18 FIFO CONTROL MIFARE CLASSIC UNIT STATE MACHINE COMMAND REGISTER PROGRAMABLE TIMER INTERRUPT CONTROL CRC16 GENERATION AND CHECK PARALLEL/SERIAL CONVERTER SERIAL DATA SWITCH TRANSMITTER CONTROL BIT COUNTER PARITY GENERATION AND CHECK FRAME GENERATION AND CHECK BIT DECODING BIT ENCODING RANDOM NUMBER GENERATOR ANALOG TO DIGITAL CONVERTER I-CHANNEL AMPLIFIER ANALOG TEST MULTIPLEXOR AND DIGITAL TO ANALOG CONVERTER I-CHANNEL DEMODULATOR Q-CHANNEL AMPLIFIER CLOCK GENERATION, FILTERING AND DISTRIBUTION Q-CLOCK GENERATION OSCILLATOR TEMPERATURE SENSOR Q-CHANNEL DEMODULATOR AMPLITUDE RATING REFERENCE VOLTAGE 64-BYTE FIFO BUFFER CONTROL REGISTER BANK SPI, UART, I2C-BUS INTERFACE CONTROL VOLTAGE MONITOR AND POWER ON DETECT RESET CONTROL POWER-DOWN CONTROL |