| データシートサーチシステム |
|
AT697F データシート(PDF) 89 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT697F データシート(HTML) 89 Page - ATMEL Corporation |
|
89 / 155 page ![]() Table 50. Write Protection Start Address 1 - WPSTA1 Address = 0x800000D0 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 START1[27:0] bp r/w r/w r/w r/w 00 xxxxxxx x 0 Bit Number Mnemonic Description 29..2 START1[27:0] Contains the first address of the protected block 1 bp Block protect If set, selects block protect mode Table 51. Write Protection End Address 1 - WPSTO1 Address = 0x800000D4 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 END1[27:0] r/w r/w r/w r/w 00 xxxxxxx 0 0 Bit Number Mnemonic Description 29..2 END1[27:0] Contains the last address of the protected block 1 us User mode If set, write protection is enabled for user mode accesses 0 su Supervisor mode If set, write protection is enabled for supervisor mode accesses Table 52. Write Protection Start Address 2 - WPSTA2 Address = 0x800000D8 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 START2[27:0] bp r/w r/w r/w r/w 00 xxxxxxx x 0 Bit Number Mnemonic Description 29..2 START2[27:0] Contains the first address of the protected block 1 bp Block protect If set, selects block protect mode AT697F ADVANCE INFORMATION 89 7703C–AERO–6/09 |