| データシートサーチシステム |
|
MAXQ3180-RAN+ データシート(PDF) 80 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAXQ3180-RAN+ データシート(HTML) 80 Page - Maxim Integrated Products |
|
80 / 101 page ![]() Low-Power, Multifunction, Polyphase AFE 80 ______________________________________________________________________________________ Meter Measurement Averaging Filter (AVG_C) (0x030) This register determines whether the all other measured values in the electricity meter are averaged over time. If the value of this register is nonzero, all measured meter values are averaged using the following formula: If the value of this register is zero, no averaging is performed. The MSB of this register must be zero. Meter Measurement Highpass Filter (HPF_C) (0x032) This register specifies the b0 coefficient of a first-order Butterworth filter using the following formula: The MSB of this register must be zero. b HPF C 0 16 2 = _ yy AVG C xy nn nn =+ − − − 1 1 16 2 _ Bit: 15 14 13 12 11 10 9 8 Name: Meter Measurement Averaging Filter High Byte Reset: 0x40 Bit: 7 6 5 4 3 2 1 0 Name: Meter Measurement Averaging Filter Low Byte Reset: 0x00 Bit: 15 14 13 12 11 10 9 8 Name: Meter Measurement Highpass Filter High Byte Reset: 0x00 Bit: 7 6 5 4 3 2 1 0 Name: Meter Measurement Highpass Filter Low Byte Reset: 0xC8 |