| データシートサーチシステム |
|
MAXQ3180-RAN+ データシート(PDF) 82 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAXQ3180-RAN+ データシート(HTML) 82 Page - Maxim Integrated Products |
|
82 / 101 page ![]() Low-Power, Multifunction, Polyphase AFE 82 ______________________________________________________________________________________ Harmonic Filter Feed-Forward Coefficient (B0HARM) (0x03A) This register specifies the b0 (feed-forward) coefficient for the harmonic-mode filter using the following formula: The MSB of this register must be zero. Harmonic Filter Feedback Coefficient (A1HARM) (0x03C) This register specifies the a1 (feedback) coefficient for the harmonic mode filter using the following formula: Zero-Cross Lowpass Filter (ZC_LPF) (0x05A) This register specifies the lowpass filter applied for zero-cross detection. The MSB of this register must be zero. a A HARM 1 16 1 2 = b B HARM 0 16 0 2 = Bit: 15 14 13 12 11 10 9 8 Name: Harmonic Filter Feed-Forward Coefficient High Byte Reset: 0x00 Bit: 7 6 5 4 3 2 1 0 Name: Harmonic Filter Feed-Forward Coefficient Low Byte Reset: 0x91 Bit: 31 30 29 28 27 26 25 24 Name: Harmonic Filter Feedback Coefficient Byte 3 Reset: 0x00 Bit: 23 22 21 20 19 18 17 16 Name: Harmonic Filter Feedback Coefficient Byte 2 Reset: 0x00 Bit: 15 14 13 12 11 10 9 8 Name: Harmonic Filter Feedback Coefficient Byte 1 Reset: 0x18 Bit: 7 6 5 4 3 2 1 0 Name: Harmonic Filter Feedback Coefficient Byte 0 Reset: 0x31 Bit: 15 14 13 12 11 10 9 8 Name: Zero-Cross Lowpass Filter High Byte Reset: 0x0B Bit: 7 6 5 4 3 2 1 0 Name: Zero-Cross Lowpass Filter Low Byte Reset: 0x00 |