| データシートサーチシステム |
|
H5GQ1H24AFR-R0C データシート(PDF) 91 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
H5GQ1H24AFR-R0C データシート(HTML) 91 Page - Hynix Semiconductor |
|
91 / 173 page ![]() This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any responsability for use of circuits described. No patent licenses are implied. Rev. 1.0 /Nov. 2009 91 H5GQ1H24AFR Figure 58. Non-Gapless READs DBI DBI n+7 n Bank a, Col m Col m CL = CLmrs = 6 T8 T10 T11 T0 T1 T3 T6 T6n T7 T7n T10n T9 T9n DONʹT CARE TRANSITIONING DATA DO DO DBI DBI m+7 m+7 m m DO DO n+7 n Bank b, Col n Col n tCCD CL = CLmrs = 6 2. WCK and CK are shown aligned (tWCK2CKPIN=0, tWCK2CK=0) for illustration purposes. WCK2CK training determines the needed offset between WCK and CK. 4. tCCD = tCCDL when bank groups are enabled and both READs access banks in the same bank group; otherwise tCCD=tCCDS. 5. Before the READ commands, an ACTIVE (ACT) command is required to be issued to the GDDR5 SGRAM and tRCDRD must be met. 1. CLmrs = 6 is shown as an example. Actual supported values will be found in the MR and AC timings sections. 3. EDC may be on or off. See Figure 4 for EDC Timing. Notes: 6. tWCK2DQI = 0 is shown for illustration purposes. NOP READ READ NOP NOP NOP NOP NOP NOP CK CK# COMMAND DQ DBI# WCK# WCK ADDRESS ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) |