データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

H5GQ1H24AFR-R0C データシート(PDF) 54 Page - Hynix Semiconductor

部品番号 H5GQ1H24AFR-R0C
部品情報  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HYNIX [Hynix Semiconductor]
ホームページ  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C データシート(HTML) 54 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 50Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 51Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 52Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 53Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 54Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 55Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 56Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 57Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 58Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 173 page
background image
Rev. 1.0 /Nov. 2009
54
H5GQ1H24AFR
Read CRC
Bit A9 controls the CRC calculation for READ bursts. When enabled, the calculated CRC pattern will be
transmitted  on  the  EDC  pins  with  the  latency  as  programmed  in  the  CRCRL  field  of  this  register.  With
Read  CRC  being  off,  no  CRC  will  be  calculated  for  READ  bursts,  and  the  EDC  hold  pattern  will  be
transmitted instead.
Write CRC
Bit A10 controls the CRC calculation for WRITE bursts. When enabled, the calculated CRC pattern will be
transmitted on the EDC pins with the latency as programmed in the CRCWL field of this register. With
Write CRC being off, no CRC will be calculated for WRITE bursts, and the EDC hold pattern will be trans‐
mitted instead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More