| データシートサーチシステム |
|
H5GQ1H24AFR-R0C データシート(PDF) 93 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
H5GQ1H24AFR-R0C データシート(HTML) 93 Page - Hynix Semiconductor |
|
93 / 173 page ![]() This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any responsability for use of circuits described. No patent licenses are implied. Rev. 1.0 /Nov. 2009 93 H5GQ1H24AFR Figure 60. READ to WRITE DBI DBI n+7 n DO DO n+7 n DO DO DBI DBI m+7 m+7 m m WL = WLmrs = 3 CL = CLmrs = 6 Bank a, Col m Col m T9 T11 T12 T0 T1 T6 T7 T7n T8 T6n T10 T10n DONʹT CARE TRANSITIONING DATA Bank b, Col n Col n tRTW T11n 2. WCK and CK are shown aligned (tWCK2CKPIN=0, tWCK2CK=0) for illustration purposes. WCK2CK training determines the needed offset between WCK and CK. respectively must be met. 1. WLmrs = 3 and CLmrs = 6 is shown as an example. Actual supported values will be found in the MR and AC timings sections. 3. EDC may be on or off. See Figure 4 for EDC Timing. 5. For WRITE operations it is important that the latching point meet the data valid window requirements, which may or may not be center aligned at the pins. 6. Before the READ and WRITE commands, an ACTIVE (ACT) command is required to be issued to the GDDR5 SGRAM and tRCDRD or tRCDWR 4. tWTR = tWTRL when bank groups is enabled and both WRITE and READ access banks in the same bank group, otherwise tWTR=tWTRS. Notes: 7. tWCK2DQI, tWCKDQO = 0 is shown for illustration purposes. NOP READ NOP WRITE NOP NOP NOP NOP NOP CK CK# COMMAND ADDRESS DQ DBI# WCK# WCK ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) |