| データシートサーチシステム |
|
H5GQ1H24AFR-R0C データシート(PDF) 20 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
H5GQ1H24AFR-R0C データシート(HTML) 20 Page - Hynix Semiconductor |
|
20 / 173 page ![]() Rev. 1.0 /Nov. 2009 20 H5GQ1H24AFR T0 T1 T2 T3 T4 T5 T6 T7 T8 T9 T10 T11 CLK CAS DQ A0 A1 B0 B1 C0 C1 A0 A1 B0 B1 C1 Example 1 (Bank Groups disabled): tCCDS = 2 * tCK T0 T1 T2 T3 T4 T5 T6 T7 T8 T9 T10 T11 CLK CAS DQ A0 A1 A2 A3 A0 A1 A2 Example 2: (Bank Groups enabled): tCCDL = 4 * tCK T0 T1 T2 T3 T4 T5 T6 T7 T8 T9 T10 T11 CLK CAS DQ A0 B0 A1 B1 C0 D0 A0 B0 A1 B1 C0 Example 3: (Bank Groups enabled): tCCDS = 2 * tCK T12 T12 T12 D0 A3 C1 T13 T13 T13 C0 D0 D0 C1 Back-to-back column accesses based on tCCDL and tCCDS parameters. Notes: 1) Column accesses are to open banks, and tRCD has been met. 2) CL = 0 assumed 3) Ax, Bx, Cx, Dx: accesses to bank groups A, B, C or D, respectively 4) With bank groups enabled, tCCDL is 3tCK, as programmed in MR3. |