データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

H5GQ1H24AFR-R0C データシート(PDF) 123 Page - Hynix Semiconductor

部品番号 H5GQ1H24AFR-R0C
部品情報  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HYNIX [Hynix Semiconductor]
ホームページ  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C データシート(HTML) 123 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 119Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 120Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 121Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 122Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 123Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 124Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 125Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 126Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 127Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
123
H5GQ1H24AFR
3.  Theta_JB measured with the special boundary condition defined in JESD51‐8
4.  Theta_JA  should only be used for comparing the thermal performance of single package and not for system related junction.
5.  Theta_JA is  the  natural convection junction‐to‐ambient  air thermal  resistance measured in one cubic  foot sealed enclosure
     as decribed in JESD  51‐2. 
     The environment is sometimes refered to  as “still‐air” although  natural convection causes  the  air to move.
6.  Theta_JC case surface is defined as the “outside surface of the package (case) closest to  the  chip  mounting area when  that
     same  surface is properly hear sunk” so as to minimize temperature variation across that surface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More