データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

H5GQ1H24AFR-R0C データシート(PDF) 159 Page - Hynix Semiconductor

部品番号 H5GQ1H24AFR-R0C
部品情報  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HYNIX [Hynix Semiconductor]
ホームページ  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C データシート(HTML) 159 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 155Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 156Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 157Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 158Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 159Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 160Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 161Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 162Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 163Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
159
H5GQ1H24AFR
Figure  clarifies the use of the MF=0 and MF=1 ball‐outs in x16 mode and why the bytes are renumbered to 
give the controller the view of the same bytes that a controller sees with a single x32 device. This is impor‐
tant for Address Training, DM and EDC functionality. For more details see the x16 enable and MF enable 
section.
RFU
Reserved for Future Use
NC
Not connected
SEN
Input
Scan enable. VDDQ CMOS input. Must be tied to the ground when not in use.
RESET#
Input
Reset Pin. VDDQ CMOS input. RESET# Low asynchronously initiates a full chip reset. With 
RESET# Low all ODTs are disabled.
Table 54. Ball-out Description
SYMBOL
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More