データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

H5GQ1H24AFR-R0C データシート(PDF) 170 Page - Hynix Semiconductor

部品番号 H5GQ1H24AFR-R0C
部品情報  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HYNIX [Hynix Semiconductor]
ホームページ  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C データシート(HTML) 170 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 165Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 166Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 167Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 168Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 169Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 170Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 171Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 172Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 173Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 170 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
170
H5GQ1H24AFR
Notes:
1.
The parameter applies only when SEN is asserted.
Figure. 89 Scan Capture Timing
Scan Shift Time
Scan clock to valid scan output
tSAC
‐
6ns
1
Scan clock to scan output hold
tSOH
1.5
‐
ns
1
Table 60. Scan AC Electrical Characteristics
PARAMETER/CONDITION
SYMBOL
MIN
MAX
UNIT
S
NOTES
SCK
SEN
tSDS
tSDH
Pins 
under 
Test
VALID
tSES
SSH
SOE#
tSCS
(Low)
Not a true clock, but a single pulse 
or a series of pulses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More