データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

X24C16 データシート(PDF) 10 Page - Xicor Inc.

部品番号 X24C16
部品情報  Serial E2PROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  XICOR [Xicor Inc.]
ホームページ  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24C16 データシート(HTML) 10 Page - Xicor Inc.

Back Button X24C16 Datasheet HTML 6Page - Xicor Inc. X24C16 Datasheet HTML 7Page - Xicor Inc. X24C16 Datasheet HTML 8Page - Xicor Inc. X24C16 Datasheet HTML 9Page - Xicor Inc. X24C16 Datasheet HTML 10Page - Xicor Inc. X24C16 Datasheet HTML 11Page - Xicor Inc. X24C16 Datasheet HTML 12Page - Xicor Inc. X24C16 Datasheet HTML 13Page - Xicor Inc. X24C16 Datasheet HTML 14Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
X24C16
A.C. CHARACTERISTICS LIMITS (Over the recommended operating conditions unless otherwise specified.)
Read & Write Cycle Limits
Symbol
Parameter
Min.
Max.
Units
fSCL
SCL Clock Frequency
0
100
KHz
TI
Noise Suppression Time Constant at SCL, SDA Inputs
100
ns
tAA
SCL Low to SDA Data Out Valid
0.3
3.5
µs
tBUF
Time the Bus Must Be Free Before a
4.7
µs
New Transmission Can Start
tHD:STA
Start Condition Hold Time
4.0
µs
tLOW
Clock Low Period
4.7
µs
tHIGH
Clock High Period
4.0
µs
tSU:STA
Start Condition Setup Time (for a Repeated Start Condition)
4.7
µs
tHD:DAT
Data In Hold Time
0
µs
tSU:DAT
Data In Setup Time
250
ns
tR
SDA and SCL Rise Time
1
µs
tF
SDA and SCL Fall Time
300
ns
tSU:STO
Stop Condition Setup Time
4.7
µs
tDH
Data Out Hold Time
300
ns
3840 PGM T06
POWER-UP TIMING
Symbol
Parameter
Max.
Units
tPUR(4)
Power-up to Read Operation
1
ms
tPUW(4)
Power-up to Write Operation
5
ms
3840 PGM T07
Bus Timing
tSU:STA
tHD:STA
tHD:DAT
tSU:DAT
tLOW
tSU:STO
tR
tBUF
SCL
SDA IN
SDA OUT
tDH
tAA
tF
tHIGH
3840 FHD F04
Notes: (4) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated. These parameters
are periodically sampled and not 100% tested.
A.C. CONDITIONS OF TEST
Input Pulse Levels
VCC x 0.1 to VCC x 0.9
Input Rise and
Fall Times
10 ns
Input and Output
Timing Levels
VCC x 0.5
3840 PGM T02
EQUIVALENT A.C. LOAD CIRCUIT
5.0V
1533
100pF
Output
3840 FHD F18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com