データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LPC1114FA44/301 データシート(PDF) 14 Page - NXP Semiconductors

部品番号 LPC1114FA44/301
部品情報  32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1114FA44/301 データシート(HTML) 14 Page - NXP Semiconductors

Back Button LPC1114FA44/301 Datasheet HTML 10Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 11Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 12Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 13Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 14Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 15Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 16Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 17Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
LPC1111_12_13_14_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 16 April 2010
14 of 59
NXP Semiconductors
LPC1111/12/13/14
32-bit ARM Cortex-M0 microcontroller
[1]
See Figure 27 for the reset pad configuration. RESET functionality is not available in Deep power-down mode. Use the WAKEUP pin to
reset the chip and wake up from Deep power-down mode.
[2]
5 V tolerant pad providing digital I/O functions with configurable pull-up/pull-down resistors and configurable hysteresis (see Figure 26).
[3]
I2C-bus pads compliant with the I2C-bus specification for I2C standard mode and I2C Fast-mode Plus.
[4]
5 V tolerant pad providing digital I/O functions with configurable pull-up/pull-down resistors, configurable hysteresis, and analog input.
When configured as a ADC input, digital section of the pad is disabled and the pin is not 5 V tolerant (see Figure 26).
[5]
When the system oscillator is not used, connect XTALIN and XTALOUT as follows: XTALIN can be left floating or can be grounded
(grounding is preferred to reduce susceptibility to noise). XTALOUT should be left floating.
VDD
1; 12
I
3.3 V supply voltage to the internal regulator, the external rail, and the ADC.
Also used as the ADC reference voltage.
XTALIN
10[5]
I
Input to the oscillator circuit and internal clock generator circuits. Input
voltage must not exceed 1.8 V.
XTALOUT
11[5]
O
Output from the oscillator amplifier.
VSS
9; 43
I
Ground.
Table 4.
LPC1114 pin description table (PLCC44 package) …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com