データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LPC1114FA44/301 データシート(PDF) 46 Page - NXP Semiconductors

部品番号 LPC1114FA44/301
部品情報  32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1114FA44/301 データシート(HTML) 46 Page - NXP Semiconductors

Back Button LPC1114FA44/301 Datasheet HTML 42Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 43Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 44Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 45Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 46Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 47Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 48Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 49Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 59 page
background image
LPC1111_12_13_14_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 16 April 2010
46 of 59
NXP Semiconductors
LPC1111/12/13/14
32-bit ARM Cortex-M0 microcontroller
[1]
Tcy(clk) = (SSPCLKDIV × (1 + SCR) × CPSDVSR) / fmain. The clock cycle time derived from the SPI bit rate Tcy(clk) is a function of the
main clock frequency fmain, the SPI peripheral clock divider (SSPCLKDIV), the SPI SCR parameter (specified in the SSP0CR0 register),
and the SPI CPSDVSR parameter (specified in the SPI clock prescale register).
[2]
Tamb = −40 °C to 85 °C.
[3]
Tcy(clk) = 12 × Tcy(PCLK).
[4]
Tamb = 25 °C; for normal voltage supply range: VDD = 3.3 V.
tDH
data hold time
in SPI mode
[3][4]
3
× T
cy(PCLK) + 4
-
-
ns
tv(Q)
data output valid time in SPI mode
[3][4]
--
3
× T
cy(PCLK) + 11
ns
th(Q)
data output hold time in SPI mode
[3][4]
--
2
× T
cy(PCLK) + 5
ns
Table 16.
Dynamic characteristics of SPI pins in SPI mode
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Pin names SCK, MISO, and MOSI refer to pins for both SPI peripherals, SPI0 and SPI1.
Fig 22. SPI master timing in SPI mode
SCK (CPOL = 0)
MOSI
MISO
Tcy(clk)
tclk(H)
tclk(L)
tDS
tDH
tv(Q)
DATA VALID
DATA VALID
th(Q)
SCK (CPOL = 1)
DATA VALID
DATA VALID
MOSI
MISO
tDS
tDH
DATA VALID
DATA VALID
th(Q)
DATA VALID
DATA VALID
tv(Q)
CPHA = 1
CPHA = 0
002aae829



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com