データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LPC1114FA44/301 データシート(PDF) 30 Page - NXP Semiconductors

部品番号 LPC1114FA44/301
部品情報  32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1114FA44/301 データシート(HTML) 30 Page - NXP Semiconductors

Back Button LPC1114FA44/301 Datasheet HTML 26Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 27Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 28Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 29Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 30Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 31Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 32Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 33Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 59 page
background image
LPC1111_12_13_14_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 16 April 2010
30 of 59
NXP Semiconductors
LPC1111/12/13/14
32-bit ARM Cortex-M0 microcontroller
9.
Static characteristics
Table 7.
Static characteristics
Tamb = −40 °C to +85 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
VDD
supply voltage (core
and external rail)
1.8
3.3
3.6
V
IDD
supply current
Active mode; code
while(1){}
executed from flash
system clock = 12 MHz
VDD = 3.3 V
[2][3][4]
[5][6]
-3
-mA
system clock = 50 MHz
VDD = 3.3 V
[2][3][5]
[6][7]
-9
-mA
Sleep mode;
system clock = 12 MHz
VDD = 3.3 V
[2][3][4]
[5][6]
-2
-mA
Deep-sleep mode;
VDD = 3.3 V
[2][3][8] -6
-
μA
Deep power-down mode;
VDD = 3.3 V
[2][9] -220
-nA
Standard port pins, RESET
IIL
LOW-level input current VI = 0 V; on-chip pull-up
resistor disabled
-
0.5
10
nA
IIH
HIGH-level input
current
VI =VDD; on-chip
pull-down resistor
disabled
-
0.5
10
nA
IOZ
OFF-state output
current
VO =0V; VO =VDD;
on-chip pull-up/down
resistors disabled
-
0.5
10
nA
VI
input voltage
pin configured to provide
a digital function
[10][11]
[12]
0-
5.0
V
VO
output voltage
output active
0
-
VDD
V
VIH
HIGH-level input
voltage
0.7VDD
--V
VIL
LOW-level input voltage
-
-
0.3VDD
V
Vhys
hysteresis voltage
-
0.4
-
V
VOH
HIGH-level output
voltage
2.0 V
≤ V
DD ≤ 3.6 V;
IOH = −4 mA
[13] VDD − 0.4
--V
1.8 V
≤ V
DD < 2.0 V;
IOH = −3 mA
[13] VDD − 0.4
--V
VOL
LOW-level output
voltage
2.0 V
≤ V
DD ≤ 3.6 V;
IOL =4 mA
[13] --0.4
V
1.8 V
≤ V
DD < 2.0 V;
IOL =3 mA
[13] --0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com