データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LPC1114FA44/301 データシート(PDF) 49 Page - NXP Semiconductors

部品番号 LPC1114FA44/301
部品情報  32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1114FA44/301 データシート(HTML) 49 Page - NXP Semiconductors

Back Button LPC1114FA44/301 Datasheet HTML 45Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 46Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 47Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 48Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 49Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 50Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 51Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 52Page - NXP Semiconductors LPC1114FA44/301 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
LPC1111_12_13_14_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 16 April 2010
49 of 59
NXP Semiconductors
LPC1111/12/13/14
32-bit ARM Cortex-M0 microcontroller
11.3 XTAL Printed Circuit Board (PCB) layout guidelines
The crystal should be connected on the PCB as close as possible to the oscillator input
and output pins of the chip. Take care that the load capacitors Cx1, Cx2, and Cx3 in case of
third overtone crystal usage have a common ground plane. The external components
must also be connected to the ground plain. Loops must be made as small as possible in
Fig 25. Oscillator modes and models: oscillation mode of operation and external crystal
model used for CX1/CX2 evaluation
Table 17.
Recommended values for CX1/CX2 in oscillation mode (crystal and external
components parameters) low frequency mode
Fundamental oscillation
frequency FOSC
Crystal load
capacitance CL
Maximum crystal
series resistance RS
External load
capacitors CX1, CX2
1 MHz - 5 MHz
10 pF
< 300
Ω
18 pF, 18 pF
20 pF
< 300
Ω
39 pF, 39 pF
30 pF
< 300
Ω
57 pF, 57 pF
5 MHz - 10 MHz
10 pF
< 300
Ω
18 pF, 18 pF
20 pF
< 200
Ω
39 pF, 39 pF
30 pF
< 100
Ω
57 pF, 57 pF
10 MHz - 15 MHz
10 pF
< 160
Ω
18 pF, 18 pF
20 pF
< 60
Ω
39 pF, 39 pF
15 MHz - 20 MHz
10 pF
< 80
Ω
18 pF, 18 pF
Table 18.
Recommended values for CX1/CX2 in oscillation mode (crystal and external
components parameters) high frequency mode
Fundamental oscillation
frequency FOSC
Crystal load
capacitance CL
Maximum crystal
series resistance RS
External load
capacitors CX1, CX2
15 MHz - 20 MHz
10 pF
< 180
Ω
18 pF, 18 pF
20 pF
< 100
Ω
39 pF, 39 pF
20 MHz - 25 MHz
10 pF
< 160
Ω
18 pF, 18 pF
20 pF
< 80
Ω
39 pF, 39 pF
002aaf424
LPC1xxx
XTALIN
XTALOUT
CX2
CX1
XTAL
=
CL
CP
RS
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com