データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP2200T-I/SS データシート(PDF) 21 Page - Microchip Technology

部品番号 MCP2200T-I/SS
部品情報  USB 2.0 to UART Protocol Converter with GPIO
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2200T-I/SS データシート(HTML) 21 Page - Microchip Technology

Back Button MCP2200T-I/SS Datasheet HTML 17Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 18Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 19Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 20Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 21Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 22Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 23Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 24Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
 2010 Microchip Technology Inc.
DS22228A-page 21
MCP2200
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
20-Lead SOIC
Example:
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
20-Lead QFN
Example
XXXXX
XXXXXX
XXXXXX
YWWNNN
MCP2200
I/MQ^
^
1004256
3
e
20-Lead SSOP
Example:
XXXXXXXXXXXXXX
I/SO ^^
1004256
MCP2200
XXXXXXXXXXX
XXXXXXXXXXX
YYWWNNN
^^
3
e
I/SS^^
1004256
MCP2200
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34