| データシートサーチシステム |
|
MCP2200T-I/SS データシート(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2200T-I/SS データシート(HTML) 19 Page - Microchip Technology |
|
19 / 34 page ![]() 2010 Microchip Technology Inc. DS22228A-page 19 MCP2200 3.2 AC Characteristics 3.2.1 TIMING PARAMETER SYMBOLOGY The timing parameter symbols have been created in one of the following formats: 3.2.2 TIMING CONDITIONS The operating temperature and voltage specified in Table 3-3 apply to all timing specifications unless other- wise noted. Figure 3-2 specifies the load conditions for the timing specifications. TABLE 3-3: TEMPERATURE AND VOLTAGE SPECIFICATIONS - AC FIGURE 3-2: LOAD CONDITIONS FOR DEVICE TIMING SPECIFICATIONS 1. TppS2ppS 2. TppS T F Frequency T Time E Error Lowercase letters (pp) and their meanings: pp io Input or Output pin osc Oscillator rx Receive tx Transmit bitclk RX/TX BITCLK RST Reset drt Device Reset Timer Uppercase letters and their meanings: S FFall P Period HHigh R Rise I Invalid (high-impedance) V Valid L Low Z High-impedance AC CHARACTERISTICS Standard Operating Conditions (unless otherwise stated) Operating temperature -40 C TA +85C Operating voltage VDD range as described in DC spec Section 3.1 “DC Character- istics” . 50 pF (15 pF for OSC2) Pin |