データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP2200T-I/SS データシート(PDF) 8 Page - Microchip Technology

部品番号 MCP2200T-I/SS
部品情報  USB 2.0 to UART Protocol Converter with GPIO
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2200T-I/SS データシート(HTML) 8 Page - Microchip Technology

Back Button MCP2200T-I/SS Datasheet HTML 4Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 5Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 6Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 7Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 8Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 9Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 10Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 11Page - Microchip Technology MCP2200T-I/SS Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
MCP2200
DS22228A-page 8
 2010 Microchip Technology Inc.
2.0
CONFIGURATION
The MCP2200 is configured by writing special
commands using the HID interface. Configuration can
be achieved using the configuration utility provided by
Microchip. Alternatively, a custom utility can be
developed by using the DLL available on the MCP2200
product page.
2.1
Configuration Utility
A configuration utility is provided by Microchip to allow
the user to configure the MCP2200 to custom defaults.
The Configuration Utility (Figure 2-1) connects to the
device’s HID interface where all of the configurable
features can be set.
2.2
Serial String
The MCP2200 is supplied from the factory with a
serialized USB serial string.
TABLE 2-1:
CONFIGURATION DESCRIPTIONS
Configuration Name
Description
Vendor ID (0x04D8)
The USB vendor identification assigned to Microchip by the USB consortium.
Product ID (0x00DF)
Device ID assigned by Microchip. The device can be used “as-is”, or Microchip
can assign a custom PID by request.
Baud Rate
Sets the UART baud rate using a list of primary baud rates. See the UART
section for details on setting non-primary baud rates.
IO Config
Individually configures the I/O to inputs or outputs.
IO Default
Individually configures the output default state for pins configured as outputs.
Tx/Rx LEDs
Enables/disables the GP6 and GP7 pins to function as USB traffic indicators.
Pins are active low when configured as traffic indicators.
Hardware Flow Control
Enables/disables CTS and RTS flow control.
USBCFG Pin
Enables/disables the GP1 pin as a USB configuration status indicator.
Suspend Pin
Enables/disables the GP0 pin as a USB suspend status pin.
Invert Sense
Enables/disables the UART lines states:
- Normal – Tx/Rx idle high; CTS/RTS active low
- Inverted – Tx/Rx idle low; CTS/RTS active high
Manufacturer String
USB manufacturer string.
Product String
USB product string.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34