| データシートサーチシステム |
|
MCP2200T-I/SS データシート(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2200T-I/SS データシート(HTML) 14 Page - Microchip Technology |
|
14 / 34 page ![]() MCP2200 DS22228A-page 14 2010 Microchip Technology Inc. Returns: true if the pin was successfully read. false if the pin was not read (not configued as an input). Example: <code> unsigned int rv; if (SimpleIOClass::ReadGPIOn (0, &rv)) { lblStatusBar->Text = "Success"; } else lblStatusBar->Text = "Invalid command " + SimpleIOClass::LastError; </code> 2.3.1.17 WritePort bool SimpleIOClass::WritePort(unsigned int portValue) Summary: Writes a value to the GPIO port. Description: Writes the GPIO port. This provides a means to write all pins at once instead of one-at- a-time. Precondition: Must have previously been configured as an output via a ConfigureGPIO call. Parameters: portValue - Byte value to set on the port. Returns: Function returns true if the transmission is successful returns False if there the transmission fails. Example: <code> if (SimpleIOClass::WritePort (0x5A)) { lblStatusBar->Text = "Success"; } else lblStatusBar->Text = "Invalid command " + SimpleIOClass::LastError; </code> Remarks: Pins configured for output returns the current state of the port. Pins configured as input read as zero. 2.3.1.18 ReadPort bool SimpleIOClass::ReadPort(unsigned int *returnvalue) Summary: Reads the GPIO port as digital input. Description: Reads the GPIO port and returns the value in returnvalue. This provides a means to read all pins at once instead of one-at-a-time. Precondition: Must have previously been configured as an input via a ConfigureGPIO call. Parameters: returnvalue - the value read on the port. Returns: Function returns true if the read is successful returns False if there the transmission fails. Example: <code> unsigned int rv; if (SimpleIOClass::ReadGPIOPort (&rv)) { lblStatusBar->Text = "Success"; } else lblStatusBar->Text = "Invalid command " + SimpleIOClass::LastError; </code> Remarks: Pins configured for output returns the current state of the port. Pins configured as input read as zero. |