| データシートサーチシステム |
|
PIC16F722-E/ML データシート(PDF) 298 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F722-E/ML データシート(HTML) 298 Page - Microchip Technology |
|
298 / 302 page ![]() PIC16F72X/PIC16LF72X DS41341E-page 298 © 2009 Microchip Technology Inc. BRGH Bit .................................................................. 156 U UA ..................................................................................... 187 Update Address bit, UA..................................................... 187 USART Synchronous Master Mode Requirements, Synchronous Receive............... 233 Requirements, Synchronous Transmission ...... 232 Timing Diagram, Synchronous Receive............ 233 Timing Diagram, Synchronous Transmission ... 232 V VREF. SEE ADC Reference Voltage W Wake-up Using Interrupts ................................................. 194 Watchdog Timer (WDT) ...................................................... 35 Clock Source............................................................... 35 Modes ......................................................................... 36 Period.......................................................................... 35 Specifications ............................................................ 228 WCOL bit................................................................... 174, 186 WPUB Register ................................................................... 64 Write Collision Detect bit (WCOL)............................. 174, 186 WWW Address.................................................................. 299 WWW, On-Line Support...................................................... 12 |