| データシートサーチシステム |
|
PIC16F722-E/ML データシート(PDF) 82 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F722-E/ML データシート(HTML) 82 Page - Microchip Technology |
|
82 / 302 page ![]() PIC16F72X/PIC16LF72X DS41341E-page 82 © 2009 Microchip Technology Inc. 6.5.2 RD0/CPS8 Figure 6-21 shows the diagram for these pins. They are configurable to function as one of the following: • a general purpose I/O • a capacitive sensing input 6.5.3 RD1/CPS9 Figure 6-21 shows the diagram for these pins. They are configurable to function as one of the following: • a general purpose I/O • a capacitive sensing input 6.5.4 RD2/CPS10 Figure 6-21 shows the diagram for these pins. They are configurable to function as one of the following: • a general purpose I/O • a capacitive sensing input 6.5.5 RD3/CPS11 Figure 6-21 shows the diagram for these pins. They are configurable to function as one of the following: • a general purpose I/O • a capacitive sensing input 6.5.6 RD4/CPS12 Figure 6-21 shows the diagram for these pins. They are configurable to function as one of the following: • a general purpose I/O • a capacitive sensing input 6.5.7 RD5/CPS13 Figure 6-21 shows the diagram for these pins. They are configurable to function as one of the following: • a general purpose I/O • a capacitive sensing input 6.5.8 RD6/CPS14 Figure 6-21 shows the diagram for these pins. They are configurable to function as one of the following: • a general purpose I/O • a capacitive sensing input 6.5.9 RD7/CPS15 Figure 6-21 shows the diagram for these pins. They are configurable to function as one of the following: • a general purpose I/O • a capacitive sensing input FIGURE 6-21: BLOCK DIAGRAM OF RD<7:0> Note: PORTD is available on PIC16F724/LF724 and PIC16F727/LF727 only. I/O Pin VDD VSS D Q CK Q D Q CK Q RD WR WR RD ANSD<7:0> Data Bus PORTD TRISD TRISD PORTD Note: PORTD is available on PIC16F724/LF724 and PIC16F727/LF727 only. To Cap Sensor |