データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC16F722-E/ML データシート(PDF) 74 Page - Microchip Technology

部品番号 PIC16F722-E/ML
部品情報  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-E/ML データシート(HTML) 74 Page - Microchip Technology

Back Button PIC16F722-E/ML Datasheet HTML 70Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 71Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 72Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 73Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 74Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 75Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 76Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 77Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 302 page
background image
PIC16F72X/PIC16LF72X
DS41341E-page 74
© 2009 Microchip Technology Inc.
6.4.1
RC0/T1OSO/T1CKI
Figure 6-13 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• a Timer1 oscillator output
• a Timer1 clock input
6.4.2
RC1/T1OSI/CCP2
Figure 6-14 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• a Timer1 oscillator input
• a Capture 2 input, Compare 2 output, and PWM2
output
6.4.3
RC2/CCP1
Figure 6-15 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• a Capture 1 input, Compare 1 output, and PWM1
output
6.4.4
RC3/SCK/SCL
Figure 6-16 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• a SPI clock
•an I2C™ clock
6.4.5
RC4/SDI/SDA
Figure 6-17 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• a SPI data input
•an I2C data I/O
6.4.6
RC5/SDO
Figure 6-18 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• a SPI data output
6.4.7
RC6/TX/CK
Figure 6-19 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• an asynchronous serial output
• a synchronous clock I/O
6.4.8
RC7/RX/DT
Figure 6-20 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• an asynchronous serial input
• a synchronous serial data I/O
Note:
CCP2 pin location may be selected as
RB3 or RC1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More