| データシートサーチシステム |
|
PIC16F722-E/ML データシート(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F722-E/ML データシート(HTML) 14 Page - Microchip Technology |
|
14 / 302 page ![]() PIC16F72X/PIC16LF72X DS41341E-page 14 © 2009 Microchip Technology Inc. FIGURE 1-1: PIC16F722/723/726/PIC16LF722/723/726 BLOCK DIAGRAM 13 Data Bus 8 14 Program Bus Instruction reg Program Counter 8 Level Stack (13-bit) Direct Addr 7 RAM Addr 9 Addr MUX Indirect Addr FSR reg STATUS reg MUX ALU W reg Power-up Timer Oscillator Start-up Timer Power-on Reset Watchdog Timer Instruction Decode & Control Timing Generation OSC1/CLKIN OSC2/CLKOUT MCLR VDD PORTA RA4 RC0 RC1 RC2 RC3 RC4 RC5 RC6 RC7 8 8 Brown-out Reset AUSART Timer0 Timer1 Timer2 RA3 RA1 RA0 8 3 Analog-To-Digital Converter RA6 RA7 RB6 RB7 VSS T0CKI T1G T1CKI VREF Synchronous SDA SCL SS SDO Serial Port SDI/ SCK/ TX/CK RX/DT Internal Oscillator Block Configuration 13 Data Bus 8 14 Program Bus Instruction reg Program Counter 8 Level Stack (13-bit) Direct Addr 7 RAM Addr Addr MUX Indirect Addr FSR reg STATUS reg MUX ALU W reg Power-up Timer Oscillator Start-up Timer Power-on Reset Watchdog Timer Instruction Decode & Control Timing Generation MCLR VDD RC1 8 8 Brown-out Reset AUSART Timer0 Timer1 Timer2 8 3 VSS T0CKI T1CKI Synchronous SDA SCL SS SDO Serial Port SDI/ SCK/ Internal Oscillator Block Configuration 13 Data Bus 8 14 Program Bus Instruction Reg Program Counter 8 Level Stack (13-bit) Direct Addr 7 RAM Addr Addr MUX Indirect Addr FSR Reg STATUS Reg MUX ALU W Reg Power-up Timer Oscillator Start-up Timer Power-on Reset Watchdog Timer Instruction Decode and Control Timing Generation MCLR VDD PORTB PORTC RA5 8 8 Brown-out Reset Timer0 Timer1 Timer2 RA2 8 3 RB0 RB1 RB2 RB3 RB4 RB5 VSS T0CKI T1CKI Synchronous SDA SCL SS SDO Serial Port SDI/ SCK/ Internal Oscillator Block Configuration CCP2 CCP2 Timer1 32 kHz Oscillator PORTE RE3 CCP1 CCP1 T1OSI T1OSO AN9 AN0 AN1 AN2 AN3 AN4 AN8 AN10 AN11 AN12 AN13 LDO(1) Regulator Flash Program Memory Note 1: PIC16F722/723/726 only. RAM Capacitive Sensing Module CPS6 CPS0 CPS1 CPS2 CPS3 CPS4 CPS5 CPS7 |