データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC16F722-E/ML データシート(PDF) 83 Page - Microchip Technology

部品番号 PIC16F722-E/ML
部品情報  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-E/ML データシート(HTML) 83 Page - Microchip Technology

Back Button PIC16F722-E/ML Datasheet HTML 79Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 80Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 81Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 82Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 83Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 84Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 85Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 86Page - Microchip Technology PIC16F722-E/ML Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 302 page
background image
© 2009 Microchip Technology Inc.
DS41341E-page 83
PIC16F72X/PIC16LF72X
TABLE 6-4:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTD(1)
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
ANSELD
ANSD7
ANSD6
ANSD5
ANSD4
ANSD3
ANSD2
ANSD1
ANSD0
1111 1111
1111 1111
CPSCON0
CPSON
—
—
—
CPSRNG1
CPSRNG0
CPSOUT
T0XCS
0--- 0000
0--- 0000
CPSCON1
—
—
—
—
CPSCH3
CPSCH2
CPSCH1
CPSCH0 ---- 0000 ---- 0000
PORTD
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
xxxx xxxx
xxxx xxxx
TRISD
TRISD7
TRISD6 TRISD5 TRISD4
TRISD3
TRISD2
TRISD1
TRISD0
1111 1111
1111 1111
Legend:
x
= unknown, u = unchanged, – = unimplemented locations read as ‘0’. Shaded cells are not used by PORTD.
Note 1: These registers are not implemented on the PIC16F722/723/726/PIC16LF722/723/726 devices, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More