| データシートサーチシステム |
|
HCS12 データシート(PDF) 248 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 データシート(HTML) 248 Page - Freescale Semiconductor, Inc |
|
248 / 452 page ![]() Instruction Glossary S12CPUV2 Reference Manual, Rev. 4.0 248 Freescale Semiconductor Operation: (SP) – $0001 ⇒ SP (CCR) ⇒ M(SP) Description: Stacks the content of the condition codes register. The stack pointer is decremented by one. The content of the CCR is then stored at the address to which the SP points. Push instructions are commonly used to save the contents of one or more CPU registers at the start of a subroutine. Complementary pull instructions can be used to restore the saved CPU registers just before returning from the subroutine. PSHC Push CCR onto Stack PSHC CCR Details: S X HIN Z V C –––––––– Source Form Address Mode Object Code Access Detail HCS12 M68HC12 PSHC INH 39 Os Os |