| データシートサーチシステム |
|
HCS12 データシート(PDF) 85 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 データシート(HTML) 85 Page - Freescale Semiconductor, Inc |
|
85 / 452 page ![]() S12CPUV2 Reference Manual, Rev. 4.0 Freescale Semiconductor 85 5.27 Stop and Wait Instructions As shown in Table 5-27, two instructions put the CPU12 in an inactive state that reduces power consumption. The stop instruction (STOP) stacks a return address and the contents of CPU registers and accumulators, then halts all system clocks. The wait instruction (WAI) stacks a return address and the contents of CPU registers and accumulators, then waits for an interrupt service request; however, system clock signals continue to run. Both STOP and WAI require that either an interrupt or a reset exception occur before normal execution of instructions resumes. Although both instructions require the same number of clock cycles to resume normal program execution after an interrupt service request is made, restarting after a STOP requires extra time for the oscillator to reach operating speed. Table 5-27. Stop and Wait Instructions Mnemonic Function Operation STOP Stop SP – 2 ⇒ SP; RTNH : RTNL ⇒ M(SP) : M(SP+1) SP – 2 ⇒ SP; YH : YL ⇒ M(SP) : M(SP+1) SP – 2 ⇒ SP; XH : XL ⇒ M(SP) : M(SP+1) SP – 2 ⇒ SP; B : A ⇒ M(SP) : M(SP+1) SP – 1 ⇒ SP; CCR ⇒ M(SP) Stop CPU clocks WAI Wait for interrupt SP – 2 ⇒ SP; RTNH : RTNL ⇒ M(SP) : M(SP+1) SP – 2 ⇒ SP; YH : YL ⇒ M(SP) : M(SP+1) SP – 2 ⇒ SP; XH : XL ⇒ M(SP) : M(SP+1) SP – 2 ⇒ SP; B : A ⇒ M(SP) : M(SP+1) SP – 1 ⇒ SP; CCR ⇒ M(SP) |