| データシートサーチシステム |
|
HCS12 データシート(PDF) 92 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 データシート(HTML) 92 Page - Freescale Semiconductor, Inc |
|
92 / 452 page ![]() S12CPUV2 Reference Manual, Rev. 4.0 92 Freescale Semiconductor abc — Any one legal register designator for accumulators A or B or the CCR abcdxys — Any one legal register designator for accumulators A or B, the CCR, the double accumulator D, index registers X or Y, or the SP. Some assemblers may accept t2, T2, t3, or T3 codes in certain cases of transfer and exchange instructions, but these forms are intended for Freescale use only. abd — Any one legal register designator for accumulators A or B or the double accumulator D abdxys — Any one legal register designator for accumulators A or B, the double accumulator D, index register X or Y, or the SP dxys — Any one legal register designation for the double accumulator D, index registers X or Y, or the SP msk8 — Any label or expression that evaluates to an 8-bit value. Some assemblers require a # symbol before this value. opr8i — Any label or expression that evaluates to an 8-bit immediate value opr16i — Any label or expression that evaluates to a 16-bit immediate value opr8a — Any label or expression that evaluates to an 8-bit value. The instruction treats this 8-bit value as the low-order 8 bits of an address in the direct page of the 64-Kbyte address space ($00xx). opr16a — Any label or expression that evaluates to a 16-bit value. The instruction treats this value as an address in the 64-Kbyte address space. |