| データシートサーチシステム |
|
HCS12 データシート(PDF) 77 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 データシート(HTML) 77 Page - Freescale Semiconductor, Inc |
|
77 / 452 page ![]() S12CPUV2 Reference Manual, Rev. 4.0 Freescale Semiconductor 77 5.20 Loop Primitive Instructions The loop primitives can also be thought of as counter branches. The instructions test a counter value in a register or accumulator (A, B, D, X, Y, or SP) for zero or non-zero value as a branch condition. There are predecrement, preincrement, and test-only versions of these instructions. The numeric range of 9-bit offset values is $100 (–256) to $0FF (255) from the address of the next memory location after the offset value. Table 5-20 is a summary of loop primitive branches. Table 5-20. Loop Primitive Instructions Mnemonic Function Equation or Operation DBEQ Decrement counter and branch if = 0 (counter = A, B, D, X, Y, or SP) (counter) – 1 ⇒ counter If (counter) = 0, then branch; else continue to next instruction DBNE Decrement counter and branch if ≠ 0 (counter = A, B, D, X, Y, or SP) (counter) – 1 ⇒ counter If (counter) not = 0, then branch; else continue to next instruction IBEQ Increment counter and branch if = 0 (counter = A, B, D, X, Y, or SP) (counter) + 1⇒ counter If (counter) = 0, then branch; else continue to next instruction IBNE Increment counter and branch if ≠ 0 (counter = A, B, D, X, Y, or SP) (counter) + 1⇒ counter If (counter) not = 0, then branch; else continue to next instruction TBEQ Test counter and branch if = 0 (counter = A, B, D, X,Y, or SP) If (counter) = 0, then branch; else continue to next instruction TBNE Test counter and branch if ≠ 0 (counter = A, B, D, X,Y, or SP) If (counter) not = 0, then branch; else continue to next instruction |