| データシートサーチシステム |
|
HCS12 データシート(PDF) 287 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 データシート(HTML) 287 Page - Freescale Semiconductor, Inc |
|
287 / 452 page ![]() Glossary S12CPUV2 Reference Manual, Rev. 4.0 Freescale Semiconductor 287 Operation: (B) – (M) ⇒ B Description: Subtracts the content of memory location M from the content of accumulator B and places the result in B. For subtraction instructions, the C status bit represents a borrow. SUBB Subtract B SUBB CCR Details: S X HIN Z V C –––– ∆∆∆∆ N: Set if MSB of result is set; cleared otherwise Z: Set if result is $00; cleared otherwise V: B7 • M7 • R7 + B7 • M7 • R7 Set if a two’s complement overflow resulted from the operation; cleared otherwise C: B7 • M7 + M7 • R7 + R7 • B7 Set if the value of the content of memory is larger than the value of the accumulator; cleared otherwise Source Form Address Mode Object Code Access Detail HCS12 M68HC12 SUBB #opr8i SUBB opr8a SUBB opr16a SUBB oprx0_xysp SUBB oprx9,xysp SUBB oprx16,xysp SUBB [D,xysp] SUBB [oprx16,xysp] IMM DIR EXT IDX IDX1 IDX2 [D,IDX] [IDX2] C0 ii D0 dd F0 hh ll E0 xb E0 xb ff E0 xb ee ff E0 xb E0 xb ee ff P rPf rPO rPf rPO frPP fIfrPf fIPrPf P rfP rOP rfP rPO frPP fIfrfP fIPrfP |