| データシートサーチシステム |
|
HCS12 データシート(PDF) 326 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 データシート(HTML) 326 Page - Freescale Semiconductor, Inc |
|
326 / 452 page ![]() S12CPUV2 Reference Manual, Rev. 4.0 326 Freescale Semiconductor Figure 8-2. Queue Status Signal Timing (M68HC12) Table 8-1. IPIPE1 and IPIPE0 Decoding (HCS12 and M68HC12) Mnemonic Meaning Data Movement Capture at E Fall in HCS12 (E Rise in M68HC12) 0:0 — No movement 0:1 LAT(1) 1. The HCS12 implementation does not include a holding latch, so these data movement codes are used only in the original M68HC12. Latch data from bus 1:0 ALD Advance queue and load from bus 1:1 ALL(1) Advance queue and load from latch Execution Start Capture at E Rise in HCS12 (E Fall in M68HC12) 0:0 — No start 0:1 INT Start interrupt sequence 1:0 SEV Start even instruction 1:1 SOD Start odd instruction E CLOCK ADDRESS DATA IPIPE[1:0] ADDR1 ADDR2 DATA1 DATA2 DM0 EX2 DM1 CYCLE 1 CYCLE 2 EX1 REFERS TO THIS CYCLE DM0 REFERS TO DATA CAPTURED AT PREVIOUS E FALL DATA0 ADDR0 CYCLE 0 EX1 |