| データシートサーチシステム |
|
HCS12 データシート(PDF) 419 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 データシート(HTML) 419 Page - Freescale Semiconductor, Inc |
|
419 / 452 page ![]() S12CPUV2 Reference Manual, Rev. 4.0 Freescale Semiconductor 419 LBLT Relative Long branch if less than zero LBMI Relative Long branch if minus LBNE Relative Long branch if not equal to zero LBPL Relative Long branch if plus LBRA Relative Long branch always LBRN Relative Long branch never LBVC Relative Long branch if overflow clear LBVS Relative Long branch if overflow set LEAS Indexed Load stack pointer with effective address LEAX Indexed Load X index register with effective address LEAY Indexed Load Y index register with effective address MAXA Indexed Maximum of two unsigned 8-bit values MAXM Indexed Maximum of two unsigned 8-bit values MEM Special Determine grade of fuzzy membership MINA Indexed Minimum of two unsigned 8-bit values MINM Indexed Minimum of two unsigned 8-bit values MOVB(W) Combinations of immediate, extended, and indexed Move data from one memory location to another ORCC Immediate OR CCR with mask (replaces SEC, SEI, and SEV) PSHC Inherent Push CCR onto stack PSHD Inherent Push double accumulator onto stack PULC Inherent Pull CCR contents from stack PULD Inherent Pull double accumulator from stack REV Special Fuzzy logic rule evaluation REVW Special Fuzzy logic rule evaluation with weights RTC Inherent Restore program page and return address from stack used with CALL instruction, allows easy access to >64-Kbyte space SEX Inherent Sign extend 8-bit register into 16-bit register TBEQ Relative Test and branch if equal to zero (looping primitive) TBL Inherent Table lookup and interpolate (8-bit entries) TBNE Relative Test register and branch if not equal to zero (looping primitive) TFR Inherent Transfer register contents to another register WAV Special Weighted average (fuzzy logic support) Table B-4. New M68HC12 Instructions (Sheet 2 of 2) Mnemonic Addressing Modes Brief Functional Description |