| データシートサーチシステム |
|
HCS12 データシート(PDF) 108 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 データシート(HTML) 108 Page - Freescale Semiconductor, Inc |
|
108 / 452 page ![]() S12CPUV2 Reference Manual, Rev. 4.0 108 Freescale Semiconductor Operation: (A) • (M) ⇒ A Description: Performs logical AND between the content of memory location M and the content of accumulator A. The result is placed in A. After the operation is performed, each bit of A is the logical AND of the corresponding bits of M and of A before the operation began. ANDA Logical AND A ANDA CCR Details: S X HIN Z V C –––– ∆∆ 0 – N: Set if MSB of result is set; cleared otherwise Z: Set if result is $00; cleared otherwise V: 0; cleared. Source Form Address Mode Object Code Access Detail HCS12 M68HC12 ANDA #opr8i ANDA opr8a ANDA opr16a ANDA oprx0_xysp ANDA oprx9,xysp ANDA oprx16,xysp ANDA [D,xysp] ANDA [oprx16,xysp] IMM DIR EXT IDX IDX1 IDX2 [D,IDX] [IDX2] 84 ii 94 dd B4 hh ll A4 xb A4 xb ff A4 xb ee ff A4 xb A4 xb ee ff P rPf rPO rPf rPO frPP fIfrPf fIPrPf P rfP rOP rfP rPO frPP fIfrfP fIPrfP |