| データシートサーチシステム |
|
HCS12 データシート(PDF) 140 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 データシート(HTML) 140 Page - Freescale Semiconductor, Inc |
|
140 / 452 page ![]() S12CPUV2 Reference Manual, Rev. 4.0 140 Freescale Semiconductor Operation: (M) + (Mask) ⇒ M Description: Sets bits in memory location M. To set a bit, set the corresponding bit in the mask byte. All other bits in M are unchanged. The mask byte can be located at PC + 2, PC + 3, or PC + 4, depending upon addressing mode. BSET Set Bit(s) in Memory BSET CCR Details: S X HIN Z V C –––– ∆∆ 0 – N: Set if MSB of result is set; cleared otherwise Z: Set if result is $00; cleared otherwise V: 0; cleared Source Form Address Mode(1) Object Code Access Detail HCS12 M68HC12 BSET opr8a, msk8 BSET opr16a, msk8 BSET oprx0_xysp, msk8 BSET oprx9,xysp, msk8 BSET oprx16,xysp, msk8 DIR EXT IDX IDX1 IDX2 4C dd mm 1C hh ll mm 0C xb mm 0C xb ff mm 0C xb ee ff mm rPwO rPwP rPwO rPwP frPwPO rPOw rPPw rPOw rPwP frPwOP 1. Indirect forms of indexed addressing cannot be used with this instruction. |