| データシートサーチシステム |
|
HCS12 データシート(PDF) 169 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 データシート(HTML) 169 Page - Freescale Semiconductor, Inc |
|
169 / 452 page ![]() Glossary S12CPUV2 Reference Manual, Rev. 4.0 Freescale Semiconductor 169 Operation: (Y) – $0001 ⇒ Y Description: Subtract one from index register Y. LEAY –1,Y can produce the same result, but LEAY does not affect the Z bit. Although the LEAY instruction is more flexible, DEY requires only one byte of object code. Only the Z bit is set or cleared according to the result of this operation. DEY Decrement Index Register Y DEY CCR Details: S X HIN Z V C ––––– ∆ –– Z: Set if result is $0000; cleared otherwise Source Form Address Mode Object Code Access Detail HCS12 M68HC12 DEY INH 03 O O |