| データシートサーチシステム |
|
HCS12 データシート(PDF) 180 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 データシート(HTML) 180 Page - Freescale Semiconductor, Inc |
|
180 / 452 page ![]() Instruction Glossary S12CPUV2 Reference Manual, Rev. 4.0 180 Freescale Semiconductor Operation: (B) ⊕ (M) ⇒ B Description: Performs the logical exclusive OR between the content of accumulator B and the content of memory location M. The result is placed in A. Each bit of A after the operation is the logical exclusive OR of the corresponding bits of M and B before the operation. EORB Exclusive OR B EORB CCR Details: S X HIN Z V C –––– ∆∆ 0 – N: Set if MSB of result is set; cleared otherwise Z: Set if result is $00; cleared otherwise V: 0; cleared Source Form Address Mode Object Code Access Detail HCS12 M68HC12 EORB #opr8i EORB opr8a EORB opr16a EORB oprx0_xysp EORB oprx9,xysp EORB oprx16,xysp EORB [D,xysp] EORB [oprx16,xysp] IMM DIR EXT IDX IDX1 IDX2 [D,IDX] [IDX2] C8 ii D8 dd F8 hh ll E8 xb E8 xb ff E8 xb ee ff E8 xb E8 xb ee ff P rPf rPO rPf rPO frPP fIfrPf fIPrPf P rfP rOP rfP rPO frPP fIfrfP fIPrfP |