| データシートサーチシステム |
|
HCS12 データシート(PDF) 191 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 データシート(HTML) 191 Page - Freescale Semiconductor, Inc |
|
191 / 452 page ![]() Glossary S12CPUV2 Reference Manual, Rev. 4.0 Freescale Semiconductor 191 Operation: (SP) + $0001 ⇒ SP Description: Add one to the SP. This instruction is assembled to LEAS 1,SP. The LEAS instruction does not affect condition codes as an INX or INY instruction would. INS Increment Stack Pointer INS CCR Details: S X HIN Z V C –––––––– Source Form Address Mode Object Code Access Detail HCS12 M68HC12 INS translates to... LEAS 1,SP IDX 1B 81 Pf PP (1) 1. Due to internal M68HC12 CPU requirements, the program word fetch is performed twice to the same address during this instruction. |