| データシートサーチシステム |
|
68HC05CL48 データシート(PDF) 98 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
68HC05CL48 データシート(HTML) 98 Page - Motorola, Inc |
|
98 / 145 page ![]() GENERAL RELEASE SPECIFICATION June 11, 1997 MOTOROLA LCD DRIVER MC68HC05CL48 12-2 REV 2.0 12.1 LCD RAM. The data to be displayed by the LCD is written to a 90 byte display RAM located at locations $0930 thru $095C and $0A30 thru $0A5C in the memory map. The bits are organized according to Table 12-1 and Table 12-2, with a 1 stored in a given location resulting in the corresponding display segment being activated. The LCD RAM is a dual port RAM that interfaces with the internal address and data buses of the MCU. It is possible to read from LCD RAM locations for scrolling purposes. When the display is disabled, the LCD RAM can be used as on-chip RAM. Table 12-1. LCD RAM Organization ADDR DATA 0 1 234567 $0930 FP0-BP0 FP0-BP1 FP0-BP2 FP0-BP3 FP0-BP4 FP0-BP5 FP0-BP6 FP0-BP7 $0931 FP1-BP0 FP1-BP1 FP1-BP2 FP1-BP3 FP1-BP4 FP1-BP5 FP1-BP6 FP1-BP7 $0932 FP2-BP0 FP2-BP1 FP2-BP2 FP2-BP3 FP2-BP4 FP2-BP5 FP2-BP6 FP2-BP7 . . . . . . . . . . . . . . . . . . . . . . . . . . . $095A FP42-BP0 FP42-BP1 FP42-BP2 FP42-BP3 FP42-BP4 FP42-BP5 FP42-BP6 FP42-BP7 $095B FP43-BP0 FP43-BP1 FP43-BP2 FP43-BP3 FP43-BP4 FP43-BP5 FP43-BP6 FP43-BP7 $095C FP44-BP0 FP44-BP1 FP44-BP2 FP44-BP3 FP44-BP4 FP44-BP5 FP44-BP6 FP44-BP7 |