| データシートサーチシステム |
|
68HC05CL48 データシート(PDF) 137 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
68HC05CL48 データシート(HTML) 137 Page - Motorola, Inc |
|
137 / 145 page ![]() June 11, 1997 GENERAL RELEASE SPECIFICATION MC68HC05CL48 MOTOROLA REV 2.0 B-1 APPENDIX B MC68HC05CL16 This appendix describes the differences between the MC68HC05CL16 and MC68HC05CL48. The entire MC68HC05CL48 data sheet applies to the MC68HC05CL16, with exceptions outlined in this appendix. B.1 INTRODUCTION The MC68HC05CL16 is functionally identical to the MC68HC05CL48, except the following: Figure B-1 shows a block diagram of the MC68HC05CL16. B.2 SIGNAL DESCRIPTION The LCD driver voltages from the resistor ladder, V0, V1, V2, V3, and V4 on the MC68HC05CL48 are not available on the MC68HC05CL16. B.3 MEMORY The MC68HC05CL16 has 16k-bytes of user ROM. The MC68HC05CL16 memory map is shown in Figure B-2. Table B-1. MC68HC05CL16 and MC68HC05CL48 Differences MC68HC05CL16 MC68HC05CL48 16k-bytes user ROM 47.5k-bytes user ROM — LCD driver output voltages: V0, V1, V2, V3, V4 100-pin TQFP 112-pin TQFP |