| データシートサーチシステム |
|
FS401LF データシート(PDF) 28 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
FS401LF データシート(HTML) 28 Page - List of Unclassifed Manufacturers |
|
28 / 104 page ![]() FS401, FS403 PRODUCT SPECIFICATION REV. NO. 1.7 28 JANUARY 24, 2007 COPYRIGHT © 1999 FOCUS ENHANCEMENTS, INC. 4.5 Control Registers Definitions In the following definitions, range is defined as: {min value : [max value]} 4.5.1 IHO - Input Horizontal Offset Input Horizontal Offset Low (0) 7 6 5 4 3 2 1 0 IHO7 IHO6 IHO5 IHO4 IHO3 IHO2 IHO1 IHO0 Input Horizontal Offset High (1) 7 6 5 4 3 2 1 0 0 0 0 0 0 IHO10 IHO9 IHO8 Register Bit# Bit Name Description 1, 0 2-0, 7-0 IHO10-0 Input horizontal offset bits [10-0]. Horizontal displacement of the image in pixels from the leading edge of horizontal sync. Programming a value greater than IHS is illegal, preventing any pixels from being written into the Frame Store. Range: {0 : [IHS-1]} |