| データシートサーチシステム |
|
FS401LF データシート(PDF) 73 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
FS401LF データシート(HTML) 73 Page - List of Unclassifed Manufacturers |
|
73 / 104 page ![]() FS401, FS403 PRODUCT SPECIFICATION REV. NO. 1.7 73 JANUARY 24, 2007 COPYRIGHT © 1999 FOCUS ENHANCEMENTS, INC. horizontal total * 65536. CCR_SHV 0x24 R/W 16 The current SHV value. This can either be the default SHV (DEF_SHV) or a SHV calculated from the SHV and EHV registers. Expressed as a percentage of the horizontal total * 65536. CCR_VAT 0x25 R/W 16 The current VAT value. This can either be the default VAT (DEF_VAT) or a VAT calculated from the SVV and EVV registers. Expressed as a percentage of the vertical total * 65536. CCR_SVV 0x26 R/W 16 The current SVV value. This can either be the default SVV (DEF_SVV) or a SVV calculated from the SVV and EVV registers. Expressed as a percentage of the vertical total * 65536. CCR_ICAL_TABLE_0_IVC 0x27 R/W 16 0 The IVC value that this table entry represents. CCR_ICAL_TABLE_0_IHC 0x28 R/W 16 0 The IHC value that this table entry represents. CCR_ICAL_TABLE_0_HAT 0x29 R/W 16 0 The accumulated HAT value used for this video mode. CCR_ICAL_TABLE_0_SHV 0x2A R/W 16 0 The accumulated SHV value used for this video mode. CCR_ICAL_TABLE_0_VAT 0x2B R/W 16 0 The accumulated VAT value used for this video mode. CCR_ICAL_TABLE_0_SVV 0x2C R/W 16 0 The accumulated SVV value used for this video mode. CCR_ICAL_TABLE_1_IVC 0x2D R/W 16 0 The IVC value that this table entry represents. CCR_ICAL_TABLE_1_IHC 0x2E R/W 16 0 The IHC value that this table entry represents. CCR_ICAL_TABLE_1_HAT 0x2F R/W 16 0 The accumulated HAT value used for this video mode. CCR_ICAL_TABLE_1_SHV 0x30 R/W 16 0 The accumulated SHV value used for this video mode. CCR_ICAL_TABLE_1_VAT 0x31 R/W 16 0 The accumulated VAT value used for this video mode. CCR_ICAL_TABLE_1_SVV 0x32 R/W 16 0 The accumulated SVV value used for this video mode. CCR_ICAL_TABLE_2_IVC 0x33 R/W 16 0 The IVC value that this table entry represents. CCR_ICAL_TABLE_2_IHC 0x34 R/W 16 0 The IHC value that this table entry represents. CCR_ICAL_TABLE_2_HAT 0x35 R/W 16 0 The accumulated HAT value used for this video mode. CCR_ICAL_TABLE_2_SHV 0x36 R/W 16 0 The accumulated SHV value used for this video mode. CCR_ICAL_TABLE_2_VAT 0x37 R/W 16 0 The accumulated VAT value used for this video mode. CCR_ICAL_TABLE_2_SVV 0x38 R/W 16 0 The accumulated SVV value used for this video mode. CCR_ICAL_TABLE_3_IVC 0x39 R/W 16 0 The IVC value that this table entry represents. CCR_ICAL_TABLE_3_IHC 0x3A R/W 16 0 The IHC value that this table entry |