| データシートサーチシステム |
|
FS401LF データシート(PDF) 54 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
FS401LF データシート(HTML) 54 Page - List of Unclassifed Manufacturers |
|
54 / 104 page ![]() FS401, FS403 PRODUCT SPECIFICATION REV. NO. 1.7 54 JANUARY 24, 2007 COPYRIGHT © 1999 FOCUS ENHANCEMENTS, INC. should be set to 0 for most applications. 61 2 CNTRSML 0: Small input images are scaled horizontally to fill the output device. 1: Small input images are centered on the output device. 61 3 MICALNEW 0: Normal operation 1: There is new manual input calibration information. The internal micro-controller clears this bit. 61 7-4 SFLK3-0 Adjusts the flicker filter from 0 (no flicker filter) to 8 (maximum flicker filter). SFLK is different from the hardware register FLK. SFLK is normalized for compression. Reset Value: 0x8402 |