| データシートサーチシステム |
|
FS401LF データシート(PDF) 43 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
FS401LF データシート(HTML) 43 Page - List of Unclassifed Manufacturers |
|
43 / 104 page ![]() FS401, FS403 PRODUCT SPECIFICATION REV. NO. 1.7 43 JANUARY 24, 2007 COPYRIGHT © 1999 FOCUS ENHANCEMENTS, INC. 4.5.16 Active Video Threshold Active Video Threshold Low (1E) 7 6 5 4 3 2 1 0 AVT7 AVT6 AVT5 AVT4 AVT3 AVT2 AVT1 AVT0 Active Video Threshold High (1F) 7 6 5 4 3 2 1 0 0 0 0 0 0 0 0 0 Register Bit# Bit Name Description 1F, 1E 7-0 AVT7-0 Active Threshold bits [7:0] The minimum value that should be considered not blank on the RGB input lines. This is used by the FS400 to compare to the input RGB when checking for active video to determine the SHV, EHV, SVV, and EVV values. Range: {0:[255]} |