| データシートサーチシステム |
|
910GL データシート(PDF) 103 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
910GL データシート(HTML) 103 Page - Intel Corporation |
|
103 / 426 page ![]() MCHBAR Registers R Datasheet 103 Bit Access & Default Description 6:4 R/W 010b DRAM RAS to CAS Delay (tRCD). This bit controls the number of clocks inserted between a row activate command and a read or write command to that row. 000 = 2 DRAM clocks 001 = 3 DRAM clocks 010 = 4 DRAM clocks 011 = 5 DRAM clocks 100 – 111 = Reserved 3 Reserved 2:0 R/W 010b DRAM RAS Precharge (tRP). This bit controls the number of clocks that are inserted between a row precharge command and an activate command to the same rank. 000 = 2 DRAM clocks 001 = 3 DRAM clocks 010 = 4 DRAM clocks 011 = 5 DRAM clocks 100 – 111 = Reserved |