| データシートサーチシステム |
|
910GL データシート(PDF) 59 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
910GL データシート(HTML) 59 Page - Intel Corporation |
|
59 / 426 page ![]() Register Description R Datasheet 59 3.3.3 Primary PCI and Downstream Configuration Mechanism If the Bus Number in the CONFIG_ADDRESS is non-zero, and falls outside the range claimed by the Host-PCI Express bridge (not between upper bound in device’s Subordinate Bus Number register and lower bound in device’s Secondary Bus Number register), the (G)MCH would generate a Type 1 DMI Configuration Cycle. This DMI configuration cycle will be sent over the DMI. If the cycle is forwarded to the Intel ICH6 via the DMI, the Intel ICH6 compares the non-zero Bus Number with the Secondary Bus Number and Subordinate Bus Number registers of its PCI- to-PCI bridges to determine if the configuration cycle is meant for ICH6 PCI Express ports one of the Intel ICH6’s devices, the DMI, or a downstream PCI bus. Figure 3-3. DMI Type 0 Configuration Address Translation 1 31 30 24 23 16 15 11 10 8 7 2 1 DMI_Typ0_Config 0 Reserved Bus Number Device Number Function Double Word XX 1 31 30 24 23 16 15 11 10 87 21 0 Reserved Bus Number Device Number Function Double Word 00 OCFBh DMI Type 0 Configuration Address Extension Configuration Address OCFAh OCF9h OCF8h Figure 3-4. DMI Type 1 Configuration Address Translation 1 31 30 24 23 16 15 11 10 87 21 DMI_Typ1_Config 0 Reserved Bus Number Device Number Function Double Word XX 1 31 30 24 23 16 15 11 10 87 21 0 Reserved Bus Number Device Number Function Double Word 00 OCFBh DMI Type 1 Configuration Address Extension Configuration Address OCFAh OCF9h OCF8h |